Part Number Hot Search : 
130A0 RD43FF06 DTB113 V175ME10 SUM110 UM66T05S ATS040 12102
Product Description
Full Text Search
 

To Download 2N3421 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 7516 Central Industrial Drive Riviera Beach, Florida 33404 PHONE: (561) 842-0305 FAX: (561) 845-7813
APPLICATIONS:
* * *
2N3421
Power Supply Pulse Amplifier High Frequency Power Switching
FEATURES:
* * * * *
Meets MIL-S-19500/393 Collector-Base Voltage: up to 125 Peak Collector Current: 5A High Power Dissipation in TO-5: 15W @ TC = 100C Fast Switching
3 Amp, 125V, NPN Silicon Power Transistors
JAN, JTX, JTXV, JANS
DESCRIPTION:
These power transistors are produced by PPC's DOUBLE DIFFUSED PLANAR process. This technology produces high voltage devices with excellent switching speeds, frequency response, gain linearity, saturation voltages, high current gain, and safe operating areas. They are intended for use in Commercial, Industrial, and Military power switching, amplifier, and regulator applications. Ultrasonically bonded leads and controlled die mount techniques are utilized to further increase the SOA capability and inherent reliability of these devices. The temperature range to 200C permits reliable operation in high ambients, and the hermetically sealed package insures maximum reliability and long life.
TO-5
SYMBOL
VCBO* VCEO* VEBO* IC * IC * T STG* T J* PT * Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage D.C. Collector Current Peak Collector Current Storage Temperature Operating Junction Temperature Power Dissipation T C = 25C Ambient T C = 100C Case MIL-S-19500/393 125 80 8 3 5 -65 to 200 -65 to 200 1.0 15 Volts Volts Volts Amps Amps C C Watts Watts
* Indicates
MSC0983A.DOC 12-02-98
2N3421
ELECTRICAL CHARACTERISTICS: CHARACTERISTICS: (25Case Temperature Unless Otherwise Noted)
SYMBOL
BVCEO* ICEX* ICEO* IEBO* hFE*
CHARACTERISTIC
Collector-Emitter Breakdown Voltage Collector-Emitter Cutoff Current Collector-Emitter Cutoff Current Emitter-Base Cutoff Current D.C. Current Gain (Note 1)
TEST CONDITIONS
IC = 50 mAdc, Cond. D (Note 1) VEB = 0.5 Vdc, Cond. A, VCE = 120 Vdc VEB = 0.5 Vdc, Cond. A, TA = 150C, VCE = 120 Vdc VCE = 60 Vdc, Cond. D VEB = 6 Vdc, Cond. D VEB = 8 Vdc, Cond. D IC = 100 mAdc, VCE = 2 Vdc IC = 1 Adc, VCE = 2 Vdc IC = 2 Adc, VCE = 2 Vdc IC = 5 Adc, VCE = 5 Vdc IC = 1 Adc, VCE = 2 Vdc, TA = - 55C IC = 1 Adc, IB = 0.1 Adc IC = 2 Adc, IB = 0.2 Adc IC = 1 Adc, IB = 0.1 Adc IC = 2 Adc, IB = 0.2 Adc VCE = 5 Vdc, TC = 100C VCE = 37 Vdc, TC = 100C VCE = 80 Vdc, TC = 100C IC = 3 Adc, L = 10 mH, Base Open IC = 3 Adc, L = 40 mH, VClamp = 125V IC = 0.1 Adc, VCE = 10 Vdc, f = 20 MHz VCB = 10 Vdc, IE = 0, f = 1 MHz IC = 1 Adc, IB1 = - IB2 = 0.1 Adc IC = 1 Adc, IB1 = - IB2 = 0.1 Adc
VALUE Min. Max.
80 ---------------40 40 30 15 10 ------0.6 0.7 3 0.4 120 45 ---0.3 50 5.0 0.5 10 ---120 ---------0.25 0.5 1.2 1.4 -------------
Units
Vdc
Adc Adc Adc Adc Adc
---------------Vdc Vdc Vdc Vdc Adc Adc mAdc mj
VCE(sat)*
Collector-Emitter Saturation Voltage (Note 1) Base-Emitter Saturation Voltage (Note 1) Forward Biased Second Breakdown Unclamped Reverse Biased Second Breakdown Clamped Reverse Biased Second Breakdown Gain Bandwidth Product Output Capacitance Turn-on Time Turn-off Time
VBE(sat)* IS/b*
ES/b*
ES/b* fT * COb* ton toff
180 26 ----------
---160 150 0.3 1.2
mj MHz pf
s s
Note 1: Pulse Test: Pulse width = 300 Sec., duty cycle 2%. * Indicates MIL-S-19500/393
MSC0983A.DOC 12-02-98
2N3421
PACKAGE MECHANICAL DATA:
1.500 [38.10] MIN .031 [.79] .240 [6.35] .260 [6.60] .010 [.25] .030 [.76] 45 .029 [.74] .045 [1.14] .200 [5.08] O.305 [7.75] O.335 [8.51] .100 [2.54] O.017 +.002 [.432] -.001
[+.051] [.025]
.100 [2.54] O.335 [8.51] O.370 [9.40]
NOTE: DIMENSIONS IN [ ] = MILLIMETERS
MSC0983A.DOC 12-02-98


▲Up To Search▲   

 
Price & Availability of 2N3421

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X